Part Number Hot Search : 
M41T0M6 F5Y954 C1404 C475M EMK32 HD6805U1 TFS552A 3N1012
Product Description
Full Text Search
 

To Download AR2538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
AR2538
Typical Values
10 TO 2500 MHz TO-8B CASCADABLE AMPLIFIER
AR2538
21.0 dB +26.0 dBm 3.5 dB
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Performance Thin Film TO-8B Package
AR2538
TO-8B Package for Amplifiers
0.550 (13.97) DIA. 0.208 (5.28) MAX. 0.185 0.015 (4.70 0.38) 0.025 (0.63)
SPECIFICATIONS*
Parameter
Frequency (Min.) Small Signal Gain (Min.) Gain Flatness (Max.) Noise Figure (Max.) 100-2500 MHz SWR (Max.) Input/Output 20-2500 MHz
0.600 (15.24) DIA.
0.018 0.002 DIA. PIN (0.46 0.05) (4) PLCS GROUND
Typical
5-2500 MHz 21.0 dB 0.5 dB
Guaranteed 0 to 50 C -55 to +85 C
10-2500 MHz 20.0 dB 0.8 dB 10-2500 MHz 19.5 dB 1.0 dB
50 INPUT
50 OUTPUT
0.033 (0.84) 0.031 45 3 (0.79) +DC BIAS 0.400 (10.16) DIA. B.C.
3.5 dB
4.0 dB
4.5 dB
1.6:1
1.8:1
2.0:1
Power Output (Min.) @ 1dB comp. DC Current (Max.)
+26.0 dBm 185 mA
+24.5 dBm 190 mA
+24.0 dBm 195 mA
ARS2538
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
SMTO-8B Package for Amplifiers
INTERMODULATION PERFORMANCE
0 DC BIAS 0.525
DETAIL A (NO SCALE) 0.024 0.002 0.016 0.002
Typical @ 25 C
AR2538
+60 dBm +54 dBm +40 dBm
0
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . Second Order Two Tone Intercept Point . . . . . . . . . . . . . . . Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
RF INPUT
RF OUTPUT 0.005 0.012
0.525 GND
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Continuous RF Input Power . . . . . . . . . . . . . . . . Maximum Short Term Input Power (1 Minute Max.) . . . . . . Maximum Peak Power (3 sec Max.) . . . . . . . . . . . . . . . . . . Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance1 (jc) . . . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
1
SEE DETAIL "A"
0.040 0.012, TYP. 0
0.170
-62 to 125 C +125 C +17 Volts +15 dBm 100 Milliwatts 0.5 Watt +100 C -- C/Watt -- C
0.475 0.287 0.100 0 0.031 TYP
0.070 0
0.263
0.455 45
0.005 0.002
Thermal resistance is based on total power dissipation.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
1
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
2005/2006


▲Up To Search▲   

 
Price & Availability of AR2538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X